Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9280A3SM06 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9280A3SM06
Description  IC FOR 18.00 - 40.00 MHz VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9280A3SM06 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS9280A3SM06 Datasheet HTML 1Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 2Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 3Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 4Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 5Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 6Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 7Page - Micro Analog systems MAS9280A3SM06 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DA9280.003
13 July 2006
6 (8)
SOLDERING INFORMATION
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20 2*220°C
Maximum Temperature
240°C
Maximum Number of Reflow Cycles
2
Reflow profile
Thermal profile parameters stated in JESD22-A113 should not
be exceeded. http://www.jedec.org
Seating Plane Co-planarity
max 0.08 mm
Lead Finish
Solder plate 7.62 - 25.4 µm, material Sn 85% Pb 15%
EMBOSSED TAPE SPECIFICATIONS
Dimension
Min/Max
Unit
Ao
5.00
±
0.10
mm
Bo
3.20
±
0.10
mm
Do
1.50 +0.1/-0.0
mm
D1
1.50 min
mm
E
1.75
mm
F
5.50
±
0.05
mm
Ko
1.45
±
0.10
mm
Po
4.0
mm
P1
8.0
±
0.10
mm
P2
2.0
±
0.05
mm
T
0.3
±
0.05
mm
W
12.00 +0.30/-0.10
mm
Section A-A
A
W
AO
T
BO
KO
DO
D1
PO
P1
P2
F
E
User Direction of Feed
Pin 1 Designator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com