Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9283ABTG00 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9283ABTG00
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283ABTG00 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9283ABTG00 Datasheet HTML 1Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 2Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 3Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 4Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 5Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 6Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 7Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 8Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DA9283.006
13 July 2006
1 (14)
MAS9283
IC FOR 10.00 – 56.00 MHz VCXO
•
Low Power
•
Wide Supply Range
•
CMOS (Square Wave) Output
•
Very Low Phase Noise
•
Low Cost
•
Divider Function
DESCRIPTION
MAS9283 is an integrated circuit well suited to
build a VCXO for telecommunication and other
applications. To build a VCXO only one additional
component, a crystal, is needed.
FEATURES
APPLICATIONS
•
Very small size
•
Minimal current consumption
•
Wide operating temperature range
•
Phase noise < -130 dBc/Hz at 1 kHz offset
•
CMOS (Square wave) output
•
VCXO for telecommunications systems
•
VCXO for set-top boxes
•
VCXO for MPEG
BLOCK DIAGRAM
Figure 1. Block diagram of MAS9283.
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS9283ABTG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1SM06 MAS-MAS9280A1SM06 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1TG00 MAS-MAS9280A1TG00 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A2TG00 MAS-MAS9280A2TG00 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A3SM06 MAS-MAS9280A3SM06 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
More results

Similar Description - MAS9283ABTG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
IC for 10.00 ??30.00 MHz VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com