Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9283ABTG00 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS9283ABTG00
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283ABTG00 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS9283ABTG00 Datasheet HTML 6Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 7Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 8Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 9Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 10Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 11Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 12Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 13Page - Micro Analog systems MAS9283ABTG00 Datasheet HTML 14Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DA9283.006
13 July 2006
12 (14)
REEL SPECIFICATIONS (MSOP-8)
Dimension
Min
Max
Unit
A
330
mm
B
1.5
mm
C
12.80
13.50
mm
D
20.2
mm
N
50
mm
W1 (measured at hub)
12.4
14.4
mm
W2 (measured at hub)
18.4
mm
Trailer
160
mm
Leader
390,
of which minimum 160
mm of empty carrier tape
sealed with cover tape
mm
Weight
1500
g
D
A
B
C
N
W
1
W
2
Tape Slot for Tape Start
Components
Trailer
Leader
Carrier Tape
Cover Tape
Start
End
5000 Components on Each Reel
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com