Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720100AGM-8EY-A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD720100AGM-8EY-A
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8EY-A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD720100AGM-8EY-A Datasheet HTML 26Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 27Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 28Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 29Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 30Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 31Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 32Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 33Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Data Sheet S15535EJ3V0DS
30
µPD720100A
4.
RECOMMENDED SOLDERING CONDITIONS
The
µPD720100A should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
µPD720100AGM-8ED: 160-pin plastic LQFP (Fine pitch) (24 × 24)
µPD720100AGM-8EY: 160-pin plastic LQFP (Fine pitch) (24 × 24)
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 seconds max. (at 210°C or higher),
Count: Three times or less
Exposure limit: 3 days
Note (after that, prebake at 125°C for 10 hours)
IR35-103-3
Partial heating
Pin temperature: 300°C max., Time: 3 seconds max. (per pin row)
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
µPD720100AGM-8EY-A: 160-pin plastic LQFP (Fine pitch) (24 × 24) Lead-free product
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 260°C, Time: 60 seconds max. (at 220°C or higher),
Count: Three times or less
Exposure limit: 7 days
Note (after that, prebake at 125°C for 10 hours)
IR60-107-3
Partial heating
Pin temperature: 300°C max., Time: 3 seconds max. (per pin row)
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
µPD720100AS1-2C: 176-pin plastic FBGA (15 × 15)
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 seconds max. (at 210°C or higher),
Count: Three times or less
Exposure limit: 7 days
Note (after that, prebake at 125°C for 10 hours)
IR35-107-3
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
µPD720100AS1-2C-A: 176-pin plastic FBGA (15 × 15) Lead-free product
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 260°C, Time: 60 seconds max. (at 220°C or higher),
Count: Three times or less
Exposure limit: 7 days
Note (after that, prebake at 125°C for 10 hours)
IR60-107-3
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com