Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720100AGM-8EY-A Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD720100AGM-8EY-A
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720100AGM-8EY-A Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD720100AGM-8EY-A Datasheet HTML 12Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 13Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 14Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 15Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 16Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 17Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 18Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 19Page - Renesas Technology Corp UPD720100AGM-8EY-A Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Data Sheet S15535EJ3V0DS
14
µPD720100A
USB Interface Block
Parameter
Symbol
Conditions
MIN
MAX
Unit
Serial Resistor between DP (DM) and
RSDP (RSDM).
RS
35.64
36.36
Output pin impedance
ZHSDRV
Includes RS resistor
40.5
49.5
Input Levels for Low-/full-speed:
High-level input voltage (drive)
VIH
2.0
V
High-level input voltage (floating)
VIHZ
2.7
3.6
Low-level input voltage
VIL
0.8
V
Differential input sensitivity
VDI
(D+) − (D−)
0.2
V
Differential Common mode Range
VCM
Includes VDI range
0.8
2.5
V
Output Levels for Low-/full-speed:
High-level output voltage
VOH
RL of 14.25 k
Ω to GND
2.8
3.6
V
Low-level output voltage
VOL
RL of 1.425 k
Ω to 3.6 V
0.0
0.3
V
SE1
VOSE1
0.8
V
Output signal crossover point voltage
VCRS
1.3
2.0
V
Input Levels for High-speed:
High-speed squelch detection threshold
(differential signal)
VHSSQ
100
150
mV
High-speed disconnect detection
threshold (differential signal)
VHSDSC
525
625
mV
High-speed data signaling common
mode voltage range
VHSCM
−50
+500
mV
High-speed differential input signaling
level
See Figure 2-4.
Output Levels for High-speed:
High-speed idle state
VHSOI
−10.0
+10
mV
High-speed data signaling high
VHSOH
360
440
mV
High-speed data signaling low
VHSOL
−10.0
+10
mV
Chirp J level (different signal)
VCHIRPJ
700
1100
mV
Chirp K level (different signal)
VCHIRPK
−900
−500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com