Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720113 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD720113 Datasheet HTML 1Page - Renesas Technology Corp UPD720113 Datasheet HTML 2Page - Renesas Technology Corp UPD720113 Datasheet HTML 3Page - Renesas Technology Corp UPD720113 Datasheet HTML 4Page - Renesas Technology Corp UPD720113 Datasheet HTML 5Page - Renesas Technology Corp UPD720113 Datasheet HTML 6Page - Renesas Technology Corp UPD720113 Datasheet HTML 7Page - Renesas Technology Corp UPD720113 Datasheet HTML 8Page - Renesas Technology Corp UPD720113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µPD720113
USB 2.0 HUB CONTROLLER
Document No.
S16618EJ3V0DS00 (3rd edition)
Date Published March 2005 NS CP (N)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
2003
The
µPD720113 is a USB 2.0 hub device that complies with the Universal Serial Bus (USB) Specification Revision
2.0 and works up to 480 Mbps. USB 2.0 compliant transceivers are integrated for upstream and all downstream ports.
The
µPD720113 works backward compatible either when any one of the downstream ports is connected to a USB 1.1
compliant device, or when the upstream port is connected to a USB 1.1 compliant host.
Detailed function descriptions are provided in the following user’s manual. Be sure to read the manual before designing.
µPD720113 User’s Manual: S16619E
FEATURES
• Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 1.5/12/480 Mbps)
• Certified by USB implementers forum and granted the USB 2.0 high-speed Logo
• High-speed or full-speed packet protocol sequencer for Endpoint 0/1
• 7 (Max.) downstream facing ports
• All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5
Mbps) transaction.
• Supports split transaction to handle full-speed and low-speed transaction on downstream facing ports when
Hub controller is working in high-speed mode.
• One Transaction Translator per Hub and supports four non-periodic buffers
• Support self-powered mode
• Supports Over-current detection and Individual or ganged power control
• Supports configurable vendor ID, product ID, string descriptors and others with external Serial ROM
• Supports “non-removable” attribution on individual port
• Uses 30 MHz X’tal, or clock input
• 2.5 V and 3.3 V power supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com