Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720113 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD720113
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720113 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD720113 Datasheet HTML 13Page - Renesas Technology Corp UPD720113 Datasheet HTML 14Page - Renesas Technology Corp UPD720113 Datasheet HTML 15Page - Renesas Technology Corp UPD720113 Datasheet HTML 16Page - Renesas Technology Corp UPD720113 Datasheet HTML 17Page - Renesas Technology Corp UPD720113 Datasheet HTML 18Page - Renesas Technology Corp UPD720113 Datasheet HTML 19Page - Renesas Technology Corp UPD720113 Datasheet HTML 20Page - Renesas Technology Corp UPD720113 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Data Sheet S16618EJ3V0DS
15
µPD720113
Power Consumption
Parameter
Symbol
Condition
TYP.
Unit
Power Consumption
PW-0
The power consumption under the state without suspend.
All the ports do not connect to any function.
Note
Hub controller is operating at full-speed mode.
Hub controller is operating at high-speed mode.
44
2.2
84
23
mA (2.5 V)
mA (3.3 V)
mA (2.5 V)
mA (3.3 V)
PW-5
The power consumption under the state without suspend.
The number of active ports is 5.
Hub controller is operating at full-speed mode.
Hub controller is operating at high-speed mode.
44
8.9
138
85
mA (2.5 V)
mA (3.3 V)
mA (2.5 V)
mA (3.3 V)
PW-6
The power consumption under the state without suspend.
The number of active ports is 6.
Hub controller is operating at full-speed mode.
Hub controller is operating at high-speed mode.
44
10
148
98
mA (2.5 V)
mA (3.3 V)
mA (2.5 V)
mA (3.3 V)
PW-7
The power consumption under the state without suspend.
The number of active ports is 7.
Hub controller is operating at full-speed mode.
Hub controller is operating at high-speed mode.
44
12
158
111
mA (2.5 V)
mA (3.3 V)
mA (2.5 V)
mA (3.3 V)
PW_S
The power consumption under suspend state.
The internal clock is stopped.
0.68
0.24
mA (2.5 V)
mA (3.3 V)
Note
When any device is not connected to all the ports, the power consumption does not depend on the number
of active ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com