Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA323W Datasheet HTML 2Page - STMicroelectronics STA323W Datasheet HTML 3Page - STMicroelectronics STA323W Datasheet HTML 4Page - STMicroelectronics STA323W Datasheet HTML 5Page - STMicroelectronics STA323W Datasheet HTML 6Page - STMicroelectronics STA323W Datasheet HTML 7Page - STMicroelectronics STA323W Datasheet HTML 8Page - STMicroelectronics STA323W Datasheet HTML 9Page - STMicroelectronics STA323W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
Description
STA323W
6/71
1
Description
The STA323W is a single-chip audio system comprising digital audio processing, digital
amplifier control and a DDX-power output stage. The STA323W uses all-digital amplification
to provide high-power, high-quality and high-efficiency.
The STA323W power section consists of four independent half-bridges. These can be
configured, by digital control, to operate in the following modes.
Two channels, provided by two half-bridges, and a single full-bridge giving up to
2 x 10 W + 1 x 20 W of power output.
Two channels, provided by two full-bridges, giving up to 2 x 20 W of power.
A single, parallel, full-bridge channel capable of high-current operation and giving
1 x 40W output.
The STA323W also provides a full set of digital processing features. These includes up to
four programmable 28-bit biquads (EQ) per channel, and bass and treble tone control.
Automodes™ enable a time-to-market advantage by substantially reducing the amount of
software development needed for specific functions. These includes auto volume loudness,
preset volume curves and preset EQ settings. New advanced AM radio interference
reduction modes are also provided.
The serial audio data input interface accepts all existing formats, including the I2S.
Three channels of DDX® processing are provided. This high quality conversion from PCM
audio to DDX's patented tri-state PWM switching waveform provides over 100 dB SNR and
dynamic range.
1.1
Block diagram and configurations
Figure 1.
Block diagram
Quad
half-bridge
power stage
DDX
processing
crossover,
volume, limiter
processing
Audio EQ, mix,
input, channel
mapping and
resampling
Serial data
OUT1A
Power down
OUT1B
OUT2A
OUT2B
EAPD
FAULT
TWARN
Power down
System timing
CLK
I2C
System control
SCL
SDA
LRCKI
BICKI
SDI_12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com