Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 1 Page - STMicroelectronics

  STA323W Datasheet HTML 1Page - STMicroelectronics STA323W Datasheet HTML 2Page - STMicroelectronics STA323W Datasheet HTML 3Page - STMicroelectronics STA323W Datasheet HTML 4Page - STMicroelectronics STA323W Datasheet HTML 5Page - STMicroelectronics STA323W Datasheet HTML 6Page - STMicroelectronics STA323W Datasheet HTML 7Page - STMicroelectronics STA323W Datasheet HTML 8Page - STMicroelectronics STA323W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
December 2006
Rev 5
1/71
1
STA323W
2.1 high efficiency digital audio system
Features
Wide supply voltage range (10-36 V)
3 x power output configurations
– 2 x 10 W + 1x 20 W
–2 x 20 W
–1 x 40 W
Thermal protection
Under voltage protection
Short circuit protection
Power SO-36 Slug Down package
2.1 channels of 24-bit DDX®
100 dB SNR and dynamic range
32 kHz to 192 kHz input sample rates
Digital gain/attenuation +48 dB to -80 dB in
0.5 dB steps
4 x 28-bit user programmable biquads (EQ) per
channel
I2C control
2-channel I2S input data interface
Individual channel and master gain/attenuation
Individual channel and master soft and hard
mute
Individual channel volume and EQ bypass
DDX® POP free operation
Bass/treble tone control
Dual independent programmable
limiters/compressors
Automodes™
– 32 preset EQ curves
– 15 preset crossover settings
– Auto volume controlled loudness
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset nighttime listening mode
– Preset TV AGC
Input and output channel mapping
AM noise reduction and PWM frequency
shifting modes
Soft volume update and muting
Auto zero detect and invalid input detect
muting selectable DDX® ternary or binary
PWM output + variable PWM speeds
Selectable de-emphasis
Post-EQ user programmable mix with default
2.1 bass management settings
Variable max power correction for lower full-
power THD
4 output routing configurations
Selectable clock input ratio
96 kHz internal processing sample rate, 24 to
28-bit precision
– Video application: 576 fs input mode
supporting
Order codes
Part number
Package
STA323W
PowerSO36 (Slug Down)
STA323W13TR
PowerSO36 in tape & reel
www.st.com


Similar Part No. - STA323W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA323W13TR STMICROELECTRONICS-STA323W13TR Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA323WQS STMICROELECTRONICS-STA323WQS Datasheet
1Mb / 78P
2.1-channel high-efficiency digital audio system with QSound QHD®
05-May-2008
STA323WQS13TR STMICROELECTRONICS-STA323WQS13TR Datasheet
1Mb / 78P
2.1-channel high-efficiency digital audio system with QSound QHD®
05-May-2008
More results

Similar Description - STA323W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com