Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1716WSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT1716WSC Datasheet HTML 1Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 2Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
RT1716
2
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1
CC2
Type-C Connector Configuration Channel (CC) pins. Initially used to determine
when an attach has occurred and what the orientation detected.
A2
VBUS
VBUS input pin for attach and detach detection.
A3
VDD
Input supply voltage.
B2
INT_N
Open drain type interrupt output used to prompt the processor to read the
registers.
B3
SCL
I2C serial clock signal to be connected to the I2C master.
C1
CC1
Type-C Connector Configuration Channel (CC) Pins. Initially used to determine
when an attach has occurred and what the orientation detected.
C2
GND
Ground pin.
C3
SDA
I2C serial data signal to be connected to the I2C master.
CC1
GND
SCL
SDA
I
2
C Controller
FIFO
Internal Bus
Digital Interface
Voltage
Regulator
Physical Layer
Type-C Detection
& CC Switch
INT_N
VDD
VBUS
CC2
Register Block
Detection
RP/RD Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com