Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4823WSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4823WSC
Description  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4823WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4823-01
September 2022
www.richtek.com
5
Table 2. The RT4823 Start-Up Description
Mode
Description
Condition
LIN
Linear startup
VIN - 200mV  VOUT
Soft-Start
Boost soft-start
0.99 x VOUT_Target > VOUT  VIN - 200mV
Boost
Boost mode
VOUT_Target  0.99 x VOUT_Target
If VIN increases higher than VOUT
Auto Bypass
Auto bypass mode
VIN  VOUT
Control loop auto transfer between auto
bypass mode and boost mode.
Control loop auto transfer between bypass
mode and boost mode
VOUT
Linear Startup
VOUT_Target
VIN - 200mV
VIN
Soft-Start
0.99 x VOUT_Target
Boost mode
Auto bypass mode
Figure 1. VOUT Mode Transition Diagram with EN L to H and VIN Variation (IOUT = 0A)
Protection
The RT4823 features protections listed in the table below. It describes the protection behaviors.
Protection
Type
Fault Event
Trigger
Fault Deglitch
Time
Protection Method
Fault Protection
Latch Time
Reset Method
OCP_IL5A
IL_peak > 5A
No delay
Turn off UG, LG
20ms,
Auto-recovery
IL_peak < 5A
OCP
IL_peak > 3.6A
No delay
Stop LG switching
N/A
IL_valley < 3.3A
OVP
VOUT > 6V
100ns
Turn off UG, LG
N/A
VOUT < 6V
SCP
VOUT < 0.7V
No delay
Turn off UG, LG
20ms,
Auto-recovery
VOUT > 0.7V
OTP
TEMP > 150°C
170
s
Turn off UG, LG
Turn off UG, LG
TEMP < 130°C
SCP_SS
VIN - VOUT > 0.2V
2ms
UG OCP = 0.3A
N/A
VIN - VOUT <
0.2V
OCP_BYP
IL > 0.3A
2ms
Turn off UG
20ms,
Auto-recovery
IL < 0.3A
SCP_BYP
VIN - VOUT > 0.7V
No delay
Turn off UG, LG
20ms,
Auto-recovery
VIN - VOUT <
0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com