Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4823WSC Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT4823WSC
Description  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT4823WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4823-01
September 2022
6
Absolute Maximum Ratings (Note 1)
⚫
VIN, VOUT, SW, EN, BP --------------------------------------------------------------------------------------------
–0.3V to 6.5V
⚫
Power Dissipation, PD @ TA = 25°C
⚫
WL-CSP-9B 1.3x1.2 (BSC) ----------------------------------------------------------------------------------------- 1.54W
⚫
Package Thermal Resistance
(Note 2)
⚫
WL-CSP-9B 1.3x1.2 (BSC) ----------------------------------------------------------------------------------------- 64.9
C/W
⚫
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
C
⚫
Junction Temperature ------------------------------------------------------------------------------------------------ 150
C
⚫
Storage Temperature Range ---------------------------------------------------------------------------------------
−65C to 150C
⚫
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions (Note 4)
⚫
Input Voltage Range (Boost Mode) ------------------------------------------------------------------------------- 1.8V to 5.5V
⚫
Input Voltage Range (Bypass Mode) ----------------------------------------------------------------------------- 2.2V to 5.5V
⚫
Output Voltage Range ----------------------------------------------------------------------------------------------- 5V
⚫
Input Capacitor, CIN -------------------------------------------------------------------------------------------------- 4.7
F
⚫
Output Capacitor, COUT -------------------------------------------------------------------------------------------- 3.5
F to 50F
⚫
Inductance, L ----------------------------------------------------------------------------------------------------------- 0.7
H to 2.2H
⚫
Input Current (Average current into SW) ----------------------------------------------------------------------- 1.8A
⚫
Input Current (Peak current into SW)----------------------------------------------------------------------------- 4A
⚫
Ambient Temperature Range --------------------------------------------------------------------------------------
−40C to 85C
⚫
Junction Temperature Range --------------------------------------------------------------------------------------
−40C to 125C
Electrical Characteristics
(VIN = 3.6V, CIN = 4.7F, COUT = 10F, L1 = 1H. All typical (TYP) limits apply for TA = 25C, unless otherwise specified. All
minimum (MIN) and maximum (MAX) apply over the full operating ambient temperature range (
−40C ≤ TA ≤ 85C).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply
VIN Operation Range
VIN
1.8
--
5.5
V
Into VIN Operating Quiescent
Current
IQ(non-switching)
IOUT = 0mA, VIN = 3.6V,
EN = BP = GND
--
0.1
0.5
A
Into VOUT Standby Mode
Quiescent Current
IQ(non-switching)
VOUT = 5V
BP = GND, EN = 5V
--
4
6
A
VIN Quiescent Current
(Device Normal Switching)
IQ(switching)
VIN = 3.6V, VOUT = 5V,
BP = EN = GND
--
--
1
A
VIN = 3.6V, VOUT = 5V,
BP = GND, EN = VIN
--
6
--
VIN = 3.6V, VOUT = 5V,
BP = VIN, EN = GND
--
16
25
VIN = 3.6V, VOUT = 5V,
BP = EN = VIN
--
6
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com