Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5186ADDVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5186ADDVR
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186ADDVR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5186ADDVR Datasheet HTML 1Page - Texas Instruments TAS5186ADDVR Datasheet HTML 2Page - Texas Instruments TAS5186ADDVR Datasheet HTML 3Page - Texas Instruments TAS5186ADDVR Datasheet HTML 4Page - Texas Instruments TAS5186ADDVR Datasheet HTML 5Page - Texas Instruments TAS5186ADDVR Datasheet HTML 6Page - Texas Instruments TAS5186ADDVR Datasheet HTML 7Page - Texas Instruments TAS5186ADDVR Datasheet HTML 8Page - Texas Instruments TAS5186ADDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
PACKAGE HEAT DISSIPATION RATINGS
(1)
ABSOLUTE MAXIMUM RATINGS
TAS5186A
SLES156 – OCTOBER 2005
Table 1. MODE Selection Pins
MODE PINS(1)
MODE
M2
M3
NAME
DESCRIPTION
0
0
2.1 mode
Channels A, B, and C enabled; channels D, E, and F disabled
0
1
5.1 mode
All channels enabled
1
0/1
Reserved
(1)
M1 must always be connected to GND. 0 indicates a pin connected to GND; 1 indicates a pin connected to VREG.
PARAMETER
TAS5186ADDV
RθJC (°C/W)—1 satellite (sat.) FET only
10.3
RθJC (°C/W)—1 subwoofer (sub.) FET only
5.2
RθJC (°C/W)—1 sat. half-bridge
5.2
RθJC (°C/W)—1 sub. half-bridge
2.6
RθJC (°C/W)—5 sat. half-bridges + 1 sub.
1.74
Typical pad area(2)
34.9 mm2
(1)
JC is junction-to-case, CH is case-to-heatsink.
(2)
RθCH is an important consideration. Assume a 2-mil thickness of typical thermal grease between the pad area and the heatsink. The
RθCH with this condition is typically 2°C/W for this package.
over operating free-air temperature range (unless otherwise noted)(1)
TAS5186A
VDD to AGND
–0.3 V to 13.2 V
GVDD_X to AGND
–0.3 V to 13.2 V
PVDD_X to PGND_X (2)
–0.3 V to 50 V
OUT_X to PGND_X (2)
–0.3 V to 50 V
BST_X to PGND_X (2)
–0.3 V to 63.2 V
VREG to AGND
–0.3 V to 4.2 V
PGND to GND
–0.3 V to 0.3 V
PGND to AGND
–0.3 V to 0.3 V
GND to AGND
–0.3 V to 0.3 V
PWM_X, OC_ADJ, M1, M2, M3 to AGND
–0.3 V to 4.2 V
RESET, SD, OTW to AGND
–0.3 V to 7 V
Maximum operating junction temperature range (TJ )
0 to 125°C
Storage temperature
–40°C to 125°C
Lead temperature – 1,6 mm (1/16 inch) from case for 10 seconds
260°C
Minimum PWM pulse duration, low
30 ns
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represent the dc voltage + peak ac waveform measured at the terminal of the device in all conditions.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com