Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5186ADDVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5186ADDVR
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5186ADDVR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5186ADDVR Datasheet HTML 1Page - Texas Instruments TAS5186ADDVR Datasheet HTML 2Page - Texas Instruments TAS5186ADDVR Datasheet HTML 3Page - Texas Instruments TAS5186ADDVR Datasheet HTML 4Page - Texas Instruments TAS5186ADDVR Datasheet HTML 5Page - Texas Instruments TAS5186ADDVR Datasheet HTML 6Page - Texas Instruments TAS5186ADDVR Datasheet HTML 7Page - Texas Instruments TAS5186ADDVR Datasheet HTML 8Page - Texas Instruments TAS5186ADDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TM
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
10
70
G012
0.01
0.1
20
1
0.1
10
PO – Output Power – W
1
PVDD = 40 V
TC = 75°C
6-
Ω Satellite
3-
Ω Subwoofer
TAS5186A
SLES156 – OCTOBER 2005
6-Channel, 210-W, Digital-Amplifier Power Stage
The
TAS5186A
requires
only
simple
passive
demodulation
filters
on
its
outputs
to
deliver
•
Total Output Power @ 10% THD+N
high-quality, high-efficiency audio amplification. The
– 5×30 W @ 6
Ω + 1×60 W @ 3 Ω
device efficiency of the TAS5186A is greater than
90% when driving 6-
Ω satellites and a 3-Ω subwoofer
•
105-dB SNR (A-Weighted)
speaker.
•
0.07% THD+N @ 1 W
The TAS5186A has an innovative protection system
•
Power Stage Efficiency > 90% Into
integrated on-chip, safeguarding the device against a
Recommended Loads (SE)
wide range of fault conditions that could damage the
•
Integrated Self-Protection Circuits
system. These safeguards are short-circuit protection,
– Undervoltage
overload protection, undervoltage protection, and
overtemperature protection. The TAS5186A has a
– Overtemperature
new proprietary current-limiting circuit that reduces
– Overload
the possibility of device shutdown during high-level
– Short Circuit
music transients. A new programmable overcurrent
detector allows the use of lower-cost inductors in the
•
Integrated Active-Bias Control to Avoid DC
demodulation output filter.
Pop
•
Thermally Enhanced 44-Pin HTSSOP Package
TOTAL HARMONIC DISTORTION + NOISE
vs
•
EMI-Compliant When Used With
OUTPUT POWER
Recommended System Design
•
DVD Receiver
•
Home Theater in a Box
The TAS5186A is a high-performance, six-channel,
digital-amplifier
power
stage
with
an
improved
protection system. The TAS5186A is capable of
driving a 6-
Ω, single­ended load up to 30 W per each
front/satellite
channel
and
a
3-
Ω, single-ended
subwoofer greater than 60 W at 10% THD+N
performance.
A low-cost, high-fidelity audio system can be built
using a TI chipset comprising a modulator (e.g.,
TAS5086) and the TAS5186A. This device does not
require power-up sequencing because of the internal
power-on reset.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5186ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186ADDVR TI2-TAS5186ADDVR Datasheet
636Kb / 22P
6-Channel, 210-W, Digital-Amplifier Power Stage
OCTOBER 2005
TAS5186ADDVR.A TI2-TAS5186ADDVR.A Datasheet
636Kb / 22P
6-Channel, 210-W, Digital-Amplifier Power Stage
OCTOBER 2005
More results

Similar Description - TAS5186ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5186 TI-TAS5186 Datasheet
349Kb / 17P
6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
6-Channel, 210-W, Digital-Amplifier Power Stage
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com