Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST55LD019C Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C Datasheet HTML 35Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 36Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 37Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 38Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 39Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 40Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 41Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 42Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
39
Aborted Command error. Disk errors encountered during Read-Multiple commands are posted at the
beginning of the block or partial block transfer, but DRQ is still set and the data transfer will take place
as it normally would, including transfer of corrupted data, if any.
Interrupts are generated when DRQ is set at the beginning of each block or partial block. The error
reporting is the same as that on a Read-Sector(s) command. This command reads from 1 to 256
sectors as specified in the Sector Count register. A sector count of 0 requests 256 sectors. The transfer
begins at the sector specified in the Sector Number register.
At command completion, the Command Block registers contain the cylinder, head and sector number of
the last sector read.
If an error occurs, the read terminates at the sector where the error occurred. The Command Block
registers contain the cylinder, head and sector number of the sector where the error occurred. The
flawed data is pending in the sector buffer.
Subsequent blocks or partial blocks are transferred only if the error was a correctable data error. All
other errors cause the command to stop after transfer of the block which contained the error.
11.2.1.14 Read-Long-Sector - 22H or 23H
The Read-Long-Sector command performs similarly to the Read-Sector(s) command except that it
returns 516 Bytes of data instead of 512 Bytes. During a Read-Long-Sector command, the ATA Flash
Disk Controller does not check the ECC bytes to determine if there has been a data error. Only single-
sector Read-Long-Sector operations are supported. The transfer consists of 512 Bytes of data
transferred in Word-Mode followed by 4 Bytes of ECC data transferred in Byte-Mode. This command
has the same protocol as the Read-Sector(s) command. Use of this command is not recommended.
Bit ->
76543210
Command (7)
22H or 23H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com