Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST55LD019C Datasheet(PDF) 49 Page - Silicon Storage Technology, Inc

Part # SST55LD019C
Description  ATA Flash Disk Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C Datasheet(HTML) 49 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C Datasheet HTML 45Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 46Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 47Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 48Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 49Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 50Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 51Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 52Page - Silicon Storage Technology, Inc SST55LD019C Datasheet HTML 53Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
49
Device performance may increase with increasing power management levels. Device power
consumption may increase with increasing power management levels. The power management levels
may contain discrete bands. For example, a ATA Flash Disk Controller may implement one power
management method from 80H to A0H and a higher performance, higher power consumption method
from level A1H to FEH.
Feature 85H disables Advanced Power Management. Subcommand 85H may not be implemented on
all devices that implement Set Features subcommand 05H.
Features 0AH and 8AH are used to enable and disable Power Level 1 commands. Feature 0AH is the
default feature for the ATA Flash Disk Controller with extended power.
Features 55H and BBH are the default features for the ATA Flash Disk Controller; thus, the host does
not have to issue this command with these features unless it is necessary for compatibility reasons.
Feature code 9AH enables the host to configure the device to best meet the host system’s power
requirements. The host sets a value in the Sector Count register that is equal to one-fourth of the
desired maximum average current (in mA) that the device should consume. For example, if the Sector
Count register is set to 6, the device would be configured to provide the best possible performance
without exceeding 24 mA. Upon completion of the command, the device responds to the host with the
range of values supported by the device. The minimum value is set in the Cylinder Low register, and the
maximum value is set in the Cylinder High register. The default value, after a power on reset, is to
operate at the highest performance and therefore the highest current mode.
The device will accept values outside this programmable range, but will operate either at the lowest
power or highest performance as appropriate.
Features 66H and CCH can be used to enable and disable whether the Power-on Reset (POR) Defaults
will be set when a software reset occurs.
11.2.1.28 Set-Max - F9H
Individual Set-Max commands are identified by the value placed in the Features register. Table 11-12 shows these
Features register values.
TABLE11-11:Transfer Mode Values
Mode
Bits [7:3]
Bits [2:0]
PIO default mode
00000b
000b
PIO default mode, disable IORDY
00000b
001b
PIO flow control transfer mode
00001b
mode1
1. Mode = transfer mode number, all other values are not valid
Multi-word DMA mode
00100b
mode1
Reserved
Other
N/A
T11-11.0 1241
TABLE11-12:Set-Max Features register values
Value
Command
00H
Obsolete
01H
Set-Max-Set-Password
02H
Set-Max-Lock
03H
Set-Max-Unlock
04H
Set-Max-Freeze-Lock
05H-FFH
Reserved
T11-12.0 1241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com