Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH40N25FSY1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STRH40N25FSY1
Description  N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N25FSY1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STRH40N25FSY1 Datasheet HTML 2Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 3Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 4Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 5Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 6Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 7Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 8Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 9Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STRH40N25FSY3
6/13
Table 9.
Single event effect, SOA(1)
1.
Rad-Hard Power MOSFETs have been characterized in heavy ion environment for single event effect
(SEE). Single event effect characterization is illustrated
Ion
Let (Mev/(mg/cm2))
Energy (MeV)
Range (µm)
VDS (V) @VGS0V
Kr
34
316
43
250
Xe
55.9
459
43
244
Table 10.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
36
144
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 40A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 40A, di/dt = 100A/µs
VDD= 50V, Tj = 150°C
484
8.4
35
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com