Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH40N25FSY1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STRH40N25FSY1
Description  N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N25FSY1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STRH40N25FSY1 Datasheet HTML 4Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 5Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 6Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 7Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 8Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 9Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 10Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 11Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
STRH40N25FSY3
8/13
Figure 5.
Gate charge vs. gate-source
voltage
Figure 6.
Capacitance variations
Figure 7.
Normalized BVDSS vs. temperature Figure 8.
Static drain-source on resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com