Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2524 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 21Page - SMSC Corporation USB2524 Datasheet HTML 22Page - SMSC Corporation USB2524 Datasheet HTML 23Page - SMSC Corporation USB2524 Datasheet HTML 24Page - SMSC Corporation USB2524 Datasheet HTML 25Page - SMSC Corporation USB2524 Datasheet HTML 26Page - SMSC Corporation USB2524 Datasheet HTML 27Page - SMSC Corporation USB2524 Datasheet HTML 28Page - SMSC Corporation USB2524 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
25
Revision 1.2 (07-17-06)
DATASHEET
7.1.4.10
Register 09h: Non-Removable Device (Reset = 0x00)
5
PRT_ASSIGN_CFG Port Assignment Configuration:
‘0’ = Port assignment is controlled by hardware interface pins
‘1’ = Port assignment is controlled by:
PORT_ASSIGN_12
PORT_ASSIGN_34
PORT_ASSIGN_56
PORT_ASSIGN_7
4:3
Reserved
Reserved
2:1
LED_MODE
LED Mode Selection: The LED_A[4:1]_N and LED_B[4:1]_N pins support
several different modes of operation (depending upon OEM implementation of
the LED circuit).
‘00’ = USB Mode, (see USB Mode: on page 44 for description)
‘01’ = Host Ownership and Port Speed LED indicator, (see Host Ownership and
Port Speed LED Indication: on page 45 for description)
‘10’ = Basic Host Ownership LED indicator, (see Basic Host Owner LED
Indication: on page 44 for description)
‘11’ = Same as "00", USB Mode
Warning: Do not enable an LED mode that requires LED pins that are not
available in the specific package being used in the implementation!
0
STRING_EN
Enables String Descriptor Support
‘0’ = String Support Disabled
‘1’ = String Support Enabled
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
NR_DEVICE
Non-Removable Device: Indicates which port(s) include non- removable
devices. ‘0’ = port is removable, ‘1’ = port is non- removable.
Informs the Host if one of the active ports has a permanent device that is un-
detachable from the Hub. (Note: The device must provide its own descriptor
data.)
When using the internal default option, the NON_REM[1:0] pins will designate
the appropriate ports as being non- removable.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= 1; Port 4 non-removable.
Bit 3= 1; Port 3 non-removable.
Bit 2= 1; Port 2 non-removable.
Bit 1= 1; Port 1 non-removable.
Bit 0 is Reserved, always = ‘0’.
BIT
NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com