Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2524 Datasheet(PDF) 54 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 49Page - SMSC Corporation USB2524 Datasheet HTML 50Page - SMSC Corporation USB2524 Datasheet HTML 51Page - SMSC Corporation USB2524 Datasheet HTML 52Page - SMSC Corporation USB2524 Datasheet HTML 53Page - SMSC Corporation USB2524 Datasheet HTML 54Page - SMSC Corporation USB2524 Datasheet HTML 55Page - SMSC Corporation USB2524 Datasheet HTML 56Page - SMSC Corporation USB2524 Datasheet HTML 57Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.2 (07-17-06)
54
SMSC USB2524
DATASHEET
Input Buffer with Pull-
Down (IPD )
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
0.8
30
10
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
VILCK
VIHCK
IIL
1.4
-10
0.5
+10
V
V
uA
TTL Levels
VIN = 0 to VDD33
I/OSD12 Type Buffer
Low Output Level
Output Leakage
Hysteresis
VOL
IOL
VHYSI
-10
250
300
0.4
+10
350
V
µA
mV
IOL = 12 mA @ VDD33 = 3.3V
VIN = 0 to VDD33
(Note 11.1)
IO-U
(Note 11.2)
I-R
(Note 11.3)
Supply Current
Unconfigured
1High-Speed Hosts
1Full-Speed Hosts
ICCINIT
ICCINIT
119
117
mA
mA
Note:
1 Upstream port is in
suspend, and the
other Upstream Port is
in the process of being
enumerated by an
external Host
controller (all
downstream ports
assigned to the
Upstream port under
enumeration).
Supply Current
Unconfigured
2 High-Speed Hosts
2 Full-Speed Hosts
ICCINIT
ICCINIT
199
174
mA
mA
Note:
Both Upstream Ports
are in the process of
being enumerated by
external Host
controllers.
Supply Current
Configured
(2 upstream High-Speed
Hosts)
2 Ports @ FS/LS
2 Ports @ HS
1 Port HS, 1 Port FS/LS
3 Ports HS
4 Ports HS
IHCC2
IHCH2
IHCH1C1
IHCH3
IHCH4
198
260
240
310
340
mA
mA
mA
mA
mA
Total from all supplies
Table 11.1 DC Electrical Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com