Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2016UFX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2016UFX
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2016UFX Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2016UFX Datasheet HTML 1Page - Diodes Incorporated DMN2016UFX Datasheet HTML 2Page - Diodes Incorporated DMN2016UFX Datasheet HTML 3Page - Diodes Incorporated DMN2016UFX Datasheet HTML 4Page - Diodes Incorporated DMN2016UFX Datasheet HTML 5Page - Diodes Incorporated DMN2016UFX Datasheet HTML 6Page - Diodes Incorporated DMN2016UFX Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN2016UFX
Document number: DS40577 Rev. 3 - 2
1 of 7
www.diodes.com
June 2018
© Diodes Incorporated
DMN2016UFX
S1
G1
S2
G2
D1/D2
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TA = +25°C
24V
15m
Ω @ VGS = 4.5V
9.9A
20
mΩ @ VGS = 2.5V
8.6A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
General Purpose Interfacing Switch
Power Management Functions
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: V-DFN2050-4
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.01 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN2016UFX-7
V-DFN2050-4
3,000 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2018
2019
2020
2021
2022
2023
2024
2025
2026
2027
2028
Code
F
G
H
I
J
K
L
M
N
O
P
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ESD PROTECTED
e4
Equivalent Circuit
Top View
V-DFN2050-4
CI9 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: F = 2018)
M = Month (ex: 9 = September)
Bottom View
Top View
Pin-Out
YM


Similar Part No. - DMN2016UFX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2016UTS DIODES-DMN2016UTS Datasheet
173Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS31995 Rev. 1 - 2
logo
TECH PUBLIC Electronics...
DMN2016UTS-TP TECHPUBLIC-DMN2016UTS-TP Datasheet
3Mb / 5P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - DMN2016UFX

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com