Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTQ2521 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RTQ2521
Description  1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2521 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RTQ2521 Datasheet HTML 1Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 2Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 3Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 4Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 5Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 6Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 7Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 8Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RTQ2521
®
DSQ2521-01 May 2019
www.richtek.com
1
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
General Description
The RTQ2521 is a high-current (1.2A), low-noise (6
μVrms),
high accuracy (1% over line, load, and temperature), low-
dropout linear regulator (LDO) capable of sourcing 1.2A
with extremely low dropout (max. 75mV). The device
supports single input supply voltage as low to 1.1V that
makes it easy to use.
The low noise, high PSRR and high output current capability
makes the RTQ2521 ideal to power noise-sensitive devices
such as analog-to-digital converters (ADCs), digital-to-
analog converters (DACs), and RF components. With very
high accuracy, remote sensing, and soft-start capabilities
to reduce inrush current, the RTQ2521 is ideal for powering
digital loads such as FPGAs, DSPs, and ASICs.
The external enable control and power good indicator
function makes the sequence control easier. The output
noise immunity is enhanced by adding external bypass
capacitor on NR/SS pin. The device is fully specified over
the temperature range of TJ =
−40°C to 125°C and is offered
in the WDFN-8EL 3x3 package.
Features
Input Voltage Range : 1.1V to 6.5V
Output Voltage Range : 0.8V to 5.5V
Accurate Output Voltage Accuracy (1%) Over Line,
Load and Temperature
Ultra High PSRR : 38dB at 500kHz
Excellent Noise Immunity

6
μμμμμVRMS at 0.8V Output
Ultra Low Dropout Voltage : 75mV at 1.2A
Enable Control
Programmable Soft-Start Output
Stable with a 4.7
μμμμμF or Larger Ceramic Output
Capacitor
Support Power-Good Indicator Function
RoHS Compliant and Halogen Free
Applications
Portable Electronic Device
Wireless Infrastructure : SerDes, FPGA, DSP
RF, IF Components : VCO, ADC, DAC, LVDS
1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Marking Information
Ordering Information
Pin Configuration
(TOP VIEW)
WDFN-8EL 3x3
VOUT
FB
PGOOD
VIN
EN
NR/SS
NC
GND
7
6
5
1
2
3
4
8
9
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
P8=YM
DNN
P8= : Product Code
YMDNN : Date Code
RTQ2521
Package Type
QW : WDFN-8EL 3x3 (W-type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RTQ2521

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2521AGQW RICHTEK-RTQ2521AGQW Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results

Similar Description - RTQ2521

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2982 SEMTECH-SC2982 Datasheet
133Kb / 5P
50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com