Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTQ2521 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RTQ2521
Description  1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2521 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RTQ2521 Datasheet HTML 9Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 10Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 11Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 12Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 13Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 14Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 15Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 16Page - Richtek Technology Corporation RTQ2521 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RTQ2521
13
DSQ2521-01 May 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Under Voltage Lockout Trigging Conditions and Output Variation
Figure 4. PGOOD Trigger Scenario with Different Operating Status
a
UVLO Rising Threshold
b
c
UVLO Hystersis Falling
VIN
VOUT
PGOOD Falling Threshold
PGOOD Hysteresis Rising
VEN
VOUT
VPGOOD
a
b
cd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com