Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24512-RMN6TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24512-RMN6TP
Description  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMN6TP Datasheet(HTML) 1 Page - STMicroelectronics

  M24512-RMN6TP Datasheet HTML 1Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 2Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 3Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 4Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 5Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 6Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 7Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 8Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
October 2006
Rev 6
1/31
1
M24512-W M24512-R
M24256-BW M24256-BR
512 Kbit and 256 Kbit Serial I²C bus EEPROM
with three Chip Enable lines
Feature summary
■
Two-wire I2C Serial interface
supports 400 kHz Protocol
■
Supply voltage ranges:
■
1.8 V to 5.5 V (M24xxx-R)
■
2.5 V to 5.5 V (M24xxx-W)
■
Write Control Input
■
Byte and Page Write
■
Random and sequential read modes
■
Self-timed programming cycle
■
Automatic Address Incrementing
■
Enhanced ESD/Latch-Up Protection
■
More than 1,000,000 Write cycles
■
More than 40-year data retention
■
Packages
– ECOPACK® (RoHS compliant)
SO8 (MW)
208 mils width
TSSOP8 (DW)
8
1
8
1
SO8 (MN)
150 mils width
www.st.com


Similar Part No. - M24512-RMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-RMN6T STMICROELECTRONICS-M24512-RMN6T Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
More results

Similar Description - M24512-RMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
M24256 STMICROELECTRONICS-M24256 Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
M24256-B STMICROELECTRONICS-M24256-B Datasheet
172Kb / 19P
256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
24-Feb-2000
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
22-Apr-2008
logo
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
04-Mar-2010
logo
Microchip Technology
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com