Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24512-RMN6TP Datasheet(PDF) 22 Page - STMicroelectronics

Part # M24512-RMN6TP
Description  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMN6TP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M24512-RMN6TP Datasheet HTML 18Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 19Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 20Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 21Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 22Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 23Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 24Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 25Page - STMicroelectronics M24512-RMN6TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
DC and AC parameters
M24512-W, M24512-R, M24256-BW, M24256-BR
22/31
Table 12.
DC characteristics (M24xxx-R)
Symbol
Parameter
Test conditions (see Table 8 and
Table 9)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage
Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current (Read)
VCC =1.8V, fc = 400kHz (rise/fall
time < 30ns)
1mA
ICC0
Supply Current (Write)
During tW, 1.8V < VCC < 5.5V
5(1)
1.
Characterized value, not tested in production.
mA
ICC1
Standby Supply Current
VIN = VSS or VCC, VCC = 1.8 V
2
µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.7 mA, VCC = 1.8 V
0.2
V
Table 13.
AC characteristics (M24xxx-W, see Table 7 and Table 9)
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock Frequency
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1300
ns
tCH1CH2
tR
Clock Rise Time
300
ns
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2
(1)
1.
Sampled only, not 100% tested.
tR
SDA Rise Time
20
300
ns
tDL1DL2
(1)
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
100
ns
tCLDX
tHD:DAT
Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV
(2)
2.
To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the
falling or rising edge of SDA.
tAA
Clock Low to Next Data Valid (Access Time)
200
900
ns
tCHDX
(3)
3.
For a reSTART condition, or following a Write cycle.
tSU:STA
Start Condition Set Up Time
600
ns
tDLCL
tHD:STA
Start Condition Hold Time
600
ns
tCHDH
tSU:STO Stop Condition Set Up Time
600
ns
tDHDL
tBUF
Time between Stop Condition and Next Start
Condition
1300
ns
tW
tWR
Write Time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com