Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C104G1M1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST72C104G1M1
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C104G1M1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST72C104G1M1 Datasheet HTML 19Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 20Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 21Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 22Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 23Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 24Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 25Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 26Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
23/140
7.5 CLOCK RESET AND SUPPLY REGISTER DESCRIPTION (CRSR)
Read /Write
Reset Value: 000x 000x (XXh)
Bit 7:5 = Reserved, always read as 0.
Bit 4 = LVDRF
LVD reset flag
This bit indicates that the last RESET was gener-
ated by the LVD block. It is set by hardware (LVD
reset) and cleared by software (writing zero). See
WDGRF flag description for more details. When
the LVD is disabled by option byte, the LVDRF bit
value is undefined.
Bit 3 = Reserved, always read as 0.
Bit 2 = CSSIE
Clock security syst
.
interrupt enable
This bit enables the interrupt when a disturbance
is detected by the clock security system (CSSD bit
set). It is set and cleared by software.
0: Clock security system interrupt disabled
1: Clock security system interrupt enabled
Refer to Table 5, “Interrupt Mapping,” on page 26
for more details on the CSS interrupt vector. When
the CSS is disabled by option byte, the CSSIE bit
has no effect.
Bit 1 = CSSD
Clock security system detection
This bit indicates that the safe oscillator of the
clock security system block has been selected by
hardware due to a disturbance on the main clock
signal (fOSC). It is set by hardware and cleared by
reading the CRSR register when the original oscil-
lator recovers.
0: Safe oscillator is not active
1: Safe oscillator has been activated
When the CSS is disabled by option byte, the
CSSD bit value is forced to 0.
Bit 0 = WDGRF
Watchdog reset flag
This bit indicates that the last RESET was gener-
ated by the watchdog peripheral. It is set by hard-
ware (Watchdog RESET) and cleared by software
(writing zero) or an LVD RESET (to ensure a sta-
ble cleared state of the WDGRF flag when the
CPU starts).
Combined with the LVDRF flag information, the
flag description is given by the following table.
Application notes
The LVDRF flag is not cleared when another RE-
SET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the origi-
nal failure.
In this case, a watchdog reset can be detected by
software while an external reset can not.
Table 4. Clock, Reset and Supply Register Map and Reset Values
70
00
0
LVD
RF
0
CSS
IE
CSS
D
WDG
RF
RESET Sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X
Address
(Hex.)
Register
Label
7654
3210
0025h
CRSR
Reset Value
0
0
0
LVDRF
x0
CSSIE
0
CSSD
0
WDGRF
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com