Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C104G1M1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST72C104G1M1
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C104G1M1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST72C104G1M1 Datasheet HTML 42Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 43Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 44Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 45Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 46Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 47Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 48Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 49Page - STMicroelectronics ST72C104G1M1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
46/140
16-BIT TIMER (Cont’d)
12.2.3.3 Input Capture
In this section, the index,
i, may be 1 or 2 because
there are 2 input capture functions in the 16-bit
timer.
The two input capture 16-bit registers (IC1R and
IC2R) are used to latch the value of the free run-
ning counter after a transition is detected by the
ICAP
i pin (see figure 5).
The IC
iR register is a read-only register.
The active transition is software programmable
through the IEDG
i bit of Control Registers (CRi).
Timing resolution is one count of the free running
counter: (
fCPU/CC[1:0]).
Procedure:
To use the input capture function, select the fol-
lowing in the CR2 register:
– Select the timer clock (CC[1:0]) (see Table 13
Clock Control Bits).
– Select the edge of the active transition on the
ICAP2 pin with the IEDG2 bit (the ICAP2 pin
must be configured as a floating input).
And select the following in the CR1 register:
– Set the ICIE bit to generate an interrupt after an
input capture coming from either the ICAP1 pin
or the ICAP2 pin
– Select the edge of the active transition on the
ICAP1 pin with the IEDG1 bit (the ICAP1pin must
be configured as a floating input).
When an input capture occurs:
– The ICF
i bit is set.
– The IC
iR register contains the value of the free
running counter on the active transition on the
ICAP
i pin (see Figure 31).
– A timer interrupt is generated if the ICIE bit is set
and the I bit is cleared in the CC register. Other-
wise, the interrupt remains pending until both
conditions become true.
Clearing the Input Capture interrupt request (i.e.
clearing the ICF
i bit) is done in two steps:
1. Reading the SR register while the ICF
i bit is set.
2. An access (read or write) to the IC
iLR register.
Notes:
1. After reading the IC
iHR register, the transfer of
input capture data is inhibited and ICF
i will
never be set until the IC
iLR register is also
read.
2. The IC
iR register contains the free running
counter value which corresponds to the most
recent input capture.
3. The 2 input capture functions can be used
together even if the timer also uses the 2 output
compare functions.
4. In One Pulse mode and PWM mode only the
input capture 2 function can be used.
5. The alternate inputs (ICAP1 & ICAP2) are
always directly connected to the timer. So any
transitions on these pins activate the input cap-
ture function.
Moreover if one of the ICAP
i pin is configured
as an input and the second one as an output,
an interrupt can be generated if the user tog-
gles the output pin and if the ICIE bit is set.
This can be avoided if the input capture func-
tion
i is disabled by reading the ICiHR (see note
1).
6. The TOF bit can be used with an interrupt in
order to measure events that exceed the timer
range (FFFFh).
MS Byte
LS Byte
ICiR
IC
iHR
IC
iLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com