Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C64A Datasheet(PDF) 14 Page - STMicroelectronics

Part # M27C64A
Description  64 Kbit (8Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M27C64A Datasheet HTML 10Page - STMicroelectronics M27C64A Datasheet HTML 11Page - STMicroelectronics M27C64A Datasheet HTML 12Page - STMicroelectronics M27C64A Datasheet HTML 13Page - STMicroelectronics M27C64A Datasheet HTML 14Page - STMicroelectronics M27C64A Datasheet HTML 15Page - STMicroelectronics M27C64A Datasheet HTML 16Page - STMicroelectronics M27C64A Datasheet HTML 17Page - STMicroelectronics M27C64A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DC and AC parameters
M27C64A
14/22
Table 7.
Read Mode DC Characteristics(1)(2)
1.
TA = 0 to 70 °C or –40 to 85 °C: VCC = 5V ± 10%; VPP = VCC.
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤V
IN ≤VCC
±10
µA
ILO
Output Leakage Current
0V
≤V
OUT ≤VCC
±10
µA
ICC
Supply Current
E = VIL, G = VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby)
CMOS
E > VCC – 0.2V
100
µA
IPP
Program Current
VPP = VCC
100
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(3)
3.
Maximum DC voltage on Output is VCC +0.5V.
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
Output High Voltage CMOS
IOH = –100µA
VCC –
0.7V
Table 8.
Programming Mode DC Characteristics(1)(2)
1.
TA = 25 °C; VCC = 6V ± 0.25V; VPP = 12.5V ± 0.25V.
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
VIL ≤VIN ≤VIH
±10
µA
ICC
Supply Current
30
mA
IPP
Program Current
E = VIL
30
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400µA
2.4
V
VID
A9 Voltage
11.5
12.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com