Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C64A Datasheet(PDF) 20 Page - STMicroelectronics

Part # M27C64A
Description  64 Kbit (8Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M27C64A Datasheet HTML 14Page - STMicroelectronics M27C64A Datasheet HTML 15Page - STMicroelectronics M27C64A Datasheet HTML 16Page - STMicroelectronics M27C64A Datasheet HTML 17Page - STMicroelectronics M27C64A Datasheet HTML 18Page - STMicroelectronics M27C64A Datasheet HTML 19Page - STMicroelectronics M27C64A Datasheet HTML 20Page - STMicroelectronics M27C64A Datasheet HTML 21Page - STMicroelectronics M27C64A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Part numbering
M27C64A
20/22
6
Part numbering
For a list of available options (Speed, Package, etc...) or for further information on any
aspect of this device, please contact the STMicroelectronics Sales Office nearest to you.
Table 14.
Ordering Information Scheme
Example:
M27C64A
-10
K
1
Device Type
M27
Supply Voltage
C = 5V ±10%
Device Function
64A = 64 Kbit (8Kb x8)
Speed
-10 = 100 ns
-15 = 150 ns
-20 = 200 ns
-25 = 250 ns
-30 = 300 ns
Package
F = FDIP28W
K = PLCC32
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com