Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6225PD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6225PD
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225PD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6225PD Datasheet HTML 7Page - STMicroelectronics L6225PD Datasheet HTML 8Page - STMicroelectronics L6225PD Datasheet HTML 9Page - STMicroelectronics L6225PD Datasheet HTML 10Page - STMicroelectronics L6225PD Datasheet HTML 11Page - STMicroelectronics L6225PD Datasheet HTML 12Page - STMicroelectronics L6225PD Datasheet HTML 13Page - STMicroelectronics L6225PD Datasheet HTML 14Page - STMicroelectronics L6225PD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
L6225
Figure 9. tDISABLE versus CEN and REN (VDD = 5V).
Figure 10. tDELAY versus CEN (VDD = 5V).
THERMAL PROTECTION
In addition to the Ovecurrent Protection, the L6225 integrates a Thermal Protection for preventing the device
destruction in case of junction over temperature. It works sensing the die temperature by means of a sensible
element integrated in the die. The device switch-off when the junction temperature reaches 165°C (typ. value)
with 15°C hysteresis (typ. value).
1
1 0
100
1
10
10 0
1 .10
3
C EN [n F ]
R EN = 2 2 0 k Ω
R EN = 100 k Ω
R EN = 4 7 k Ω
R EN = 3 3 k Ω
R EN = 1 0 k Ω
1
1 0
100
1
10
10 0
1 .10
3
C EN [n F ]
R EN = 2 2 0 k Ω
R EN = 100 k Ω
R EN = 4 7 k Ω
R EN = 3 3 k Ω
R EN = 1 0 k Ω
1
10
100
0.1
1
10
Cen [nF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com