Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6225PD Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6225PD
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225PD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6225PD Datasheet HTML 8Page - STMicroelectronics L6225PD Datasheet HTML 9Page - STMicroelectronics L6225PD Datasheet HTML 10Page - STMicroelectronics L6225PD Datasheet HTML 11Page - STMicroelectronics L6225PD Datasheet HTML 12Page - STMicroelectronics L6225PD Datasheet HTML 13Page - STMicroelectronics L6225PD Datasheet HTML 14Page - STMicroelectronics L6225PD Datasheet HTML 15Page - STMicroelectronics L6225PD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
L6225
12/20
APPLICATION INFORMATION
A typical application using L6225 is shown in Fig. 11. Typical component values for the application are shown
in Table 2. A high quality ceramic capacitor in the range of 100 to 200 nF should be placed between the power
pins (VSA and VSB) and ground near the L6225 to improve the high frequency filtering on the power supply and
reduce high frequency transients generated by the switching. The capacitors connected from the ENA and ENB
inputs to ground set the shut down time for the Brgidge A and Bridge B respectively when an over current is
detected (see Overcurrent Protection). The two current sources (SENSEA and SENSEB) should be connected
to Power Ground with a trace length as short as possible in the layout. To increase noise immunity, unused logic
pins (except ENA and ENB) are best connected to 5V (High Logic Level) or GND (Low Logic Level) (see pin
description). It is recommended to keep Power Ground and Signal Ground separated on PCB.
Table 2. Component Values for Typical Application
Figure 11. Typical Application
C1
100uF
D1
1N4148
C2
100nF
D2
1N4148
CBOOT
220nF
RENA
100K
Ω
CP
10nF
RENB
100K
Ω
CENA
5.6nF
RP
100
Ω
CENB
5.6nF
OUT1A
4
18
16
15
7
13
OUT2A
GND
GND
GND
GND
OUT2B
OUT1B
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
VSB
VCP
VBOOT
CP
CBOOT
RP
D2
D1
C1
C2
SENSEA
17
6
5
ENB
CENB
RENB
ENABLEB
11
14
3
12
19
SENSEB
LOADA
LOADB
8
ENA
CENA
RENA
ENABLEA
20
D02IN1345
1
IN1A
IN2A
IN1A
IN2A
2
IN2B
10
IN1B
IN2B
IN1B
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com