Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB120NH03L Datasheet(PDF) 16 Page - STMicroelectronics

Part # STB120NH03L
Description  N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB120NH03L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STB120NH03L Datasheet HTML 9Page - STMicroelectronics STB120NH03L Datasheet HTML 10Page - STMicroelectronics STB120NH03L Datasheet HTML 11Page - STMicroelectronics STB120NH03L Datasheet HTML 12Page - STMicroelectronics STB120NH03L Datasheet HTML 13Page - STMicroelectronics STB120NH03L Datasheet HTML 14Page - STMicroelectronics STB120NH03L Datasheet HTML 15Page - STMicroelectronics STB120NH03L Datasheet HTML 16Page - STMicroelectronics STB120NH03L Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STB120NH03L - STI120NH03L - STP120NH03L
16/17
7
Revision history
Table 8.
Revision history
Date
Revision
Changes
20-Dec-2004
4
First release
20-Dec-2005
5
New device inserted
19-Jun-2006
6
The document has been reformatted
16-Feb-2007
7
Added I²PAK package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com