Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ1T7 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STR735FZ1T7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ1T7 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STR735FZ1T7 Datasheet HTML 21Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 22Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 23Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 24Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 25Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 26Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 27Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 28Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
STR73xF
Electrical parameters
25/53
3.3
Operating conditions
Subject to general operating conditions for VDD, and TA.
Table 7.
General Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
Internal CPU and system
Clock frequency
Accessing SRAM or Flash
(zero wait state Flash access
up to 36 MHz)
036
MHz
VDD
Standard Operating
Voltage
4.5
5.5
V
VDDA
Operating Analog Refer-
ence Voltage with respect
to ground
4.5
VDD+0.1
V
TA
Ambient temperature range
6 Partnumber Suffix
7 Partnumber Suffix
-40
-40
85
105
°C
Table 8.
Operating Conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
Subject to general
operating conditions for
TA.
-20-
ms/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com