Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ1T7 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STR735FZ1T7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ1T7 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STR735FZ1T7 Datasheet HTML 28Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 29Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 30Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 31Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 32Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 33Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 34Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 35Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Electrical parameters
STR73xF
32/53
1.
Min and Max values are guaranteed by characterization, not tested in production.
2.
CP represents the total capacitance between XTAL1 and XTAL2, including the shunt capacitance of the
external quartz crystal as well as the total board parasitic cross-capacitance between XTAL1 track and
XTAL2 track.
3.
C1 represents the total capacitance between XTAL1 and ground, including the external capacitance tied to
XTAL1 pin (CL) as well as the total parasitic capacitance between XTAL1 track and ground (this includes
application board track capacitance to ground and device pin capacitance).
4.
C2 represents the total capacitance between XTAL2 and ground, including the external capacitance tied to
XTAL1 pin (CL) as well as the total parasitic capacitance between XTAL2 track and ground (this includes
application board track capacitance to ground and device pin capacitance).
RF
1)
Feedback resistor
fOSC = 4 MHz
Cp2) = 10pF
C1
3) = C
2
4)=
10pF
150
555
-
Ω
C1 = C2 = 20pF 490 1035
-
C1 = C2 = 30pF 490 1030
-
C1 = C2 = 40pF 380
850
-
fOSC = 5 MHz
Cp = 10pF
C1 = C2 = 10pF 160
470
-
C1 = C2 = 20pF 415
800
-
C1 = C2 = 30pF 340
735
-
C1 = C2 = 40pF 260
580
-
fOSC = 6 MHz
Cp = 10pF
C1 = C2 = 10pF 160
415
-
C1 = C2 = 20pF 325
640
-
C1 = C2 = 30pF 250
550
-
C1 = C2 = 40pF 180
420
-
fOSC = 7 MHz
Cp = 10pF
C1 = C2 = 10pF 160
375
-
C1 = C2 = 20pF 260
525
-
C1 = C2 = 30pF 185
420
-
C1 = C2 = 40pF 135
315
-
fOSC = 8MHz
Cp = 10pF
C1 = C2 = 10pF 155
340
-
C1 = C2 = 20pF 210
435
-
C1 = C2 = 30pF 145
335
-
C1 = C2 = 40pF 100
245
-
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com