Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ2H7 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STR735FZ2H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ2H7 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STR735FZ2H7 Datasheet HTML 13Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 14Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 15Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 16Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 17Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 18Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 19Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 20Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
STR73xF
Block Diagram
17/53
64
L8
46 VBIAS
S
Internal RC Oscillator bias. A 1.3M
Ω
external resistor has to be connected to
this pin when a 32kHZ RC oscillator
frequency is used.
65
M10 47 VSS
S
Ground
66
M11 48 VDD
S
Supply voltage (5V)
67
K8
P3.0/AIN0
I/O
TT
2mA
X X Port 3.0 ADC: Analog input 0
68
J8
P3.1/AIN1
I/O
TT
2mA
X X Port 3.1 ADC: Analog input 1
69
M9
P3.2/AIN2
I/O
TT
2mA
X X Port 3.2 ADC: Analog input 2
70
L9
P3.3/AIN3
I/O
TT
2mA
X X Port 3.3 ADC: Analog input 3
71
K9
49 P3.4/AIN4
I/O
TT
2mA
X X Port 3.4
ADC: Analog input 4
(AIN0 in TQFP100)
72
L10
50 P3.5/AIN5
I/O
TT
2mA
X X Port 3.5
ADC: Analog input 5
(AIN1 in TQFP100)
73
M12 51 P3.6/AIN6
I/O
TT
2mA
X X Port 3.6
ADC: Analog input 6
(AIN2 in TQFP100)
74
L11
52 P3.7/AIN7
I/O
TT
2mA
X X Port 3.7
ADC: Analog input 7
(AIN3 in TQFP100)
75
K11
53 VSSA
S
Reference ground for A/D converter
76
K10
54 VDDA
S
Reference voltage for A/D converter
77
J12
55 P3.8/AIN8
I/O
TT
2mA
X X Port 3.8
ADC: Analog input 8
(AIN4 in TQFP100)
78
J11
56 P3.9/AIN9
I/O
TT
2mA
X X Port 3.9
ADC: Analog input 9
(AIN5 in TQFP100)
79
L12
57 P3.10/AIN10
I/O
TT
2mA
X X
Port
3.10
ADC: Analog input 10
(AIN6 in TQFP100)
80
K12
58 P3.11/AIN11
I/O
TT
2mA
X X
Port
3.11
ADC: Analog input 11
(AIN7 in TQFP100)
81
J10
59 P3.12/AIN12
I/O
TT
INT2
2mA
X X
Port
3.12
ADC: Analog input 12
(AIN8 in TQFP100)
82
J9
60 P3.13/AIN13
I/O
TT
INT3
2mA
X X
Port
3.13
ADC: Analog input 13
(AIN9 in TQFP100)
83
H12 61 P3.14/AIN14
I/O
TT
INT4
2mA
X X
Port
3.14
ADC: Analog input 14
(AIN10 in TQFP100)
84
H11 62 P3.15/AIN15
I/O
TT
INT5
2mA
X X
Port
3.15
ADC: Analog input 15
(AIN11 in TQFP100)
85
H10 63 VDD
S
Supply voltage (5V)
Table 3.
STR73xF pin description
Pin n°
Pin Name
Input
Output
Main
functio
n
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com