Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ2H7 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STR735FZ2H7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ2H7 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STR735FZ2H7 Datasheet HTML 16Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 17Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 18Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 19Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 20Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 21Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 22Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 23Page - STMicroelectronics STR735FZ2H7 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Block Diagram
STR73xF
20/53
129
E7
91 P6.0
I/O
TT
WUP0
8mA
X X Port 6.0
130
F7
P6.1
I/O
TT
WUP1
2mA
X X Port 6.1
131
B6
92 P6.2/RDI3
I/O
TT
WUP2
2mA
X X Port 6.2 UART3: Receive Data input
132
C6
P6.3
I/O
TT
WUP3
2mA
X X Port 6.3
133
D6
93 P6.4/TDO3
I/O
TT
WUP4
2mA
X X Port 6.4 UART3: Transmit Data output
134
E6
P6.5
I/O
TT
WUP5
2mA
X X Port 6.5
135
A5
94 P6.6
I/O
TT
WUP6
2mA
X X Port 6.6
136
B5
P6.7
I/O
TT
WUP7
2mA
X X Port 6.7
137
C5
95 P6.8/RDI0
I/O
TT
WUP10 2mA
X X Port 6.8 UART0: Receive Data input
138
A3
96 P6.9/TDO0
I/O
TT
2mA
X X Port 6.9 UART0: Transmit Data output
139
A2
P6.10
I/O
TT
WUP8
2mA
X X
Port
6.10
140
D5
97 P6.11/MISO0
I/O
TT
2mA
X X
Port
6.11
BSPI0: Master input/Slave
output
141
A4
98 P6.12/MOSI0
I/O
TT
2mA
X X
Port
6.12
BSPI0: Master Output/Slave
input
142
B4
99 P6.13/SCK0
I/O
TT
WUP11 2mA
X X
Port
6.13
BSPI0: Serial Clock
143
C4
10
0
P6.14/SS0
I/O
TT
2mA
X X
Port
6.14
BSPI0: Slave Select
144
B3
P6.15
I/O
TT
WUP9
2mA
X X
Port
6.15
Table 3.
STR73xF pin description
Pin n°
Pin Name
Input
Output
Main
functio
n
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com