Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B8050 Datasheet(PDF) 6 Page - EPCOS

Part # B8050
Description  SAW Components SAW Duplexer W-CDMA Band 5 (Cellular)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8050 Datasheet(HTML) 6 Page - EPCOS

Back Button B8050 Datasheet HTML 2Page - EPCOS B8050 Datasheet HTML 3Page - EPCOS B8050 Datasheet HTML 4Page - EPCOS B8050 Datasheet HTML 5Page - EPCOS B8050 Datasheet HTML 6Page - EPCOS B8050 Datasheet HTML 7Page - EPCOS B8050 Datasheet HTML 8Page - EPCOS B8050 Datasheet HTML 9Page - EPCOS B8050 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
April 28, 2008
B8050
836.5 / 881.5 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Maximum Ratings
Temperature range for
specification1)
1) Defines the temperature range in which the specification values are warranted.
T
–20/+85
˚C
Operable temperature range2)
2) Defines the temperature range in which the SAW device keeps its typical characteristics, however the
specification values are not guaranteed.
T
–40/+85
˚C
Storage temperature range
TSto
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1003)
3) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
Pin
source and load impedance 50
Ω
824.0 ... 869.0 MHz
elsewhere
30
10
dBm
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com