Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B8050 Datasheet(PDF) 5 Page - EPCOS

Part # B8050
Description  SAW Components SAW Duplexer W-CDMA Band 5 (Cellular)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8050 Datasheet(HTML) 5 Page - EPCOS

  B8050 Datasheet HTML 1Page - EPCOS B8050 Datasheet HTML 2Page - EPCOS B8050 Datasheet HTML 3Page - EPCOS B8050 Datasheet HTML 4Page - EPCOS B8050 Datasheet HTML 5Page - EPCOS B8050 Datasheet HTML 6Page - EPCOS B8050 Datasheet HTML 7Page - EPCOS B8050 Datasheet HTML 8Page - EPCOS B8050 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
April 28, 2008
B8050
836.5 / 881.5 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZAnt =
50
Ω || 8.2 nH
RX terminating impedance:
ZRx =
50
Ω
TX terminating impedance:
ZTx =
50
Ω
Characterisitcs ANT-RX
min.
typ.
@ 25 ˚C
max.
Attenuation
α
0.3
...
35.0
MHz
50
76
dB
35.0
...
55.0
MHz
50
76
dB
434.5
...
447.0
MHz
45
49
dB
779.0
...
804.0
MHz
40
46
dB
824.0
...
849.0
MHz
54
58
dB
849.0
...
869.0
MHz
1.7
dB
1693.0
... 1743.0
MHz
40
57
dB
1850.0
... 1910.0
MHz
40
61
dB
2400.0
... 2500.0
MHz
40
52
dB
2517.0
... 2592.0
MHz
40
51
dB
2592.0
... 6000.0
MHz
20
29
dB
Characterisitcs TX-RX
min.
typ.
@ 25 ˚C
max.
Isolation
α
824.0
...
849.0
MHz
55
59
dB
869.0
...
894.0
MHz
45
48
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com