Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103WAID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAID
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WAID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL103WAID Datasheet HTML 2Page - Texas Instruments TL103WAID Datasheet HTML 3Page - Texas Instruments TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments TL103WAID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6.6 Electrical Characteristics: OP AMP2 (Independent Amplifier)
VCC+ = 5 V, VCC- = GND, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VICM = 0 V
TL103W
±1
±4
mV
Full range
±5
TL103WA
±0.5
±3.0
Full range
±5
TL103WB
±0.3
±3.0
Full range
±4
αVIO
Input offset-voltage drift
TL103W/TL103WA
Full range
±7
µV/°C
TL103WB
Full range
±3.5
IIO
Input offset current
TL103W/TL103WA
±2
±75
nA
Full range
±150
TL103WB
±0.5
±4
Full range
±5
IIB
Input bias current
TL103W/TL103WA
±20
±150
nA
Full range
±200
TL103WB
±10
±10
Full range
±50
AVD
Large-signal voltage gain
VCC+ = 15 V, RL = 2 kΩ, VO = 1.4 V to 11.4 V
TL103W/TL103WA
50
100
V/mV
25
100
TL103WB
70
140
35
140
kSVR
Supply-voltage rejection ratio
VCC+ = 5 V to 30 V
TL103W/TL103WA
65
100
dB
TL103WB
80
114
VICR
Input common-mode voltage range VCC+ = 30 V
VCC-
(VCC+)
– 1.5
V
Full range
VCC-
(VCC+)
– 2
CMRR
Common-mode rejection ratio
VCC+ = 30 V
TL103W/TL103WA
70
85
dB
Full range
60
IO
Output current
VCC+ = 15 V, VO = 2 V
Source, VID = 1 V(1)
20
40
mA
Sink, VID = -1 V(1)
10
12
VCC+ = 15 V, VO = 0.2 V, VID = -1 V
Sink(1)
TL103W/TL103WA
12
50
μA
TL103WB
60
100
ISC
Short-circuit to GND
VCC+ = 15 V
±40
±60
mA
VO
Voltage output swing from rail
VCC+ = 30 V, RL = 2 kΩ
Positive Rail (VCC+)
TL103W/TL103WA
26
27
V
Full range
26
TL103WB
27.4
28.4
Full range
27.4
VCC+ = 30 V, RL = 10 kΩ
Positive Rail (VCC+)
TL103W/TL103WA
27
28
Full range
27
TL103WB
27.6
28.6
Full range
27.6
Negative Rail (VCC-)
5
20
mV
Full range
20
SR
Slew rate at unity gain
VCC+ = 15 V, CL = 100 pF, RL = 2 kΩ, VI = 0.5 V to 2 V, unity
gain
TL103W/TL103WA
0.2
0.4
V/µs
TL103WB
0.2
0.5
GBW
Gain bandwidth product
VCC+ = 30 V, VI = 10 mV, CL = 100 pF, RL = 2 kΩ, f = 100 kHz
TL103W/TL103WA
0.5
0.9
MHz
TL103WB
0.5
1.2
THD
Total harmonic distortion
VCC+ = 30 V, VO = 2 VPP, CL = 100 pF, RL = 2 kΩ, f = 1 kHz,
AV = 20 dB
TL103W/TL103WA
0.02
%
TL103WB
TBD
Vn
Equivalent input noise voltage
VCC+ = 30 V, RS = 100 Ω, f = 1 kHz
TL103W/TL103WA
50
nV/√Hz
TL103WB
38
TL103W, TL103WA, TL103WB
SLOS437N – APRIL 2004 – REVISED AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com