Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL103WAID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAID
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WAID Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments TL103WAID Datasheet HTML 10Page - Texas Instruments TL103WAID Datasheet HTML 11Page - Texas Instruments TL103WAID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
6.7 Typical Characteristics: TL103WB
at TA ≅ 25°C, VCC = 36 V (±18 V), VCM = VCC / 2, RLOAD = 10 kΩ connected to VCC / 2 (unless otherwise noted)
Frequency (Hz)
-20
-20
0
0
20
20
40
40
60
60
80
80
100
100
100
1k
10k
100k
1M
Gain, VS = 36 V
Phase, VS = 36 V
Gain, VS = 5 V
Phase, VS = 5 V
.
Figure 6-1. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
100
1k
10k
100k
1M
10M
G = 1 V/V
G = -1 V/V
G = 10 V/V
G = 100 V/V
.
Figure 6-2. Closed-Loop Gain vs Frequency
Frequency (Hz)
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
10M
PSRR+
PSRR-
CMRR
.
Figure 6-3. CMRR and PSRR vs Frequency
Frequency (Hz)
30
100
40
50
60
70
80
90
1
10
100
1k
10k
.
Figure 6-4. Input Voltage Noise Spectral Density vs Frequency
Load Capacitance (
F)
0.001
0.01
0.1
1
10
0
1
2
3
4
5
6
7
8
Stable Region
Stable Region
.
Figure 6-5. Reference Stability vs Capacitive Load
Frequency (Hz)
30
40
50
60
70
80
90
1M
10M
100M
1G
.
Figure 6-6. EMIRR (Electromagnetic Interference Rejection
Ratio) vs Frequency
TL103W, TL103WA, TL103WB
SLOS437N – APRIL 2004 – REVISED AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com