Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5172GD8G Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5172GD8G
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5172GD8G Datasheet HTML 3Page - ON Semiconductor CS5172GD8G Datasheet HTML 4Page - ON Semiconductor CS5172GD8G Datasheet HTML 5Page - ON Semiconductor CS5172GD8G Datasheet HTML 6Page - ON Semiconductor CS5172GD8G Datasheet HTML 7Page - ON Semiconductor CS5172GD8G Datasheet HTML 8Page - ON Semiconductor CS5172GD8G Datasheet HTML 9Page - ON Semiconductor CS5172GD8G Datasheet HTML 10Page - ON Semiconductor CS5172GD8G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature (
°C)
1.268
1.270
1.272
1.274
1.276
0
100
50
1.278
1.280
VCC = 12 V
VCC = 2.7 V
VCC = 30 V
Temperature (
°C)
−2.48
−2.47
−2.46
−2.45
−2.44
0
100
50
−2.43
−2.42
VCC = 12 V
VCC = 30 V
VCC = 2.7 V
Temperature (
°C)
0.08
0.10
0.12
0.14
0.16
0
100
50
0.18
0.20
VCC = 12 V
VCC = 2.7 V
0
VFB (mV)
100
75
50
25
350
VCC = (12 V)
380
400
420
450
85
°C
25
°C
−40
°C
0
VNFB (mV)
100
75
50
25
−550
VCC = (12 V)
85
°C
25
°C
−40
°C
−660
−725
Temperature (
°C)
−7
−8
−10
0
50
100
−9
−11
−12
−13
−14
Figure 9. Switching Frequency vs. VFB
(CS5171/3 only)
Figure 10. Switching Frequency vs. VNFB
(CS5172/4 only)
Figure 11. Reference Voltage vs. Temperature
(CS5171/3 only)
Figure 12. Reference Voltage vs. Temperature
(CS5172/4 only)
Figure 13. IFB vs. Temperature (CS5171/3 only)
Figure 14. INFB vs. Temperature (CS5172/ 4 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com