Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5172GD8G Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5172GD8G
Description  1.5 A 280 kHz/560 kHz Boost Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5172GD8G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5172GD8G Datasheet HTML 11Page - ON Semiconductor CS5172GD8G Datasheet HTML 12Page - ON Semiconductor CS5172GD8G Datasheet HTML 13Page - ON Semiconductor CS5172GD8G Datasheet HTML 14Page - ON Semiconductor CS5172GD8G Datasheet HTML 15Page - ON Semiconductor CS5172GD8G Datasheet HTML 16Page - ON Semiconductor CS5172GD8G Datasheet HTML 17Page - ON Semiconductor CS5172GD8G Datasheet HTML 18Page - ON Semiconductor CS5172GD8G Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
15
The improved circuit does not require a regulated voltage
to operate properly. Unfortunately, a price must be paid for
this convenience in the overall efficiency of the circuit. The
designer should note that the input and output grounds are
no longer common. Also, the addition of the current sense
resistor, RSENSE, results in a considerable power loss which
increases with the duty cycle. Resistor R2 and capacitor C3
form a low−pass filter to remove noise.
Subharmonic Oscillation
Subharmonic oscillation (SHM) is a problem found in
current−mode control systems, where instability results
when duty cycle exceeds 50%. SHM only occurs in
switching regulators with a continuous inductor current.
This instability is not harmful to the converter and usually
does not affect the output voltage regulation. SHM will
increase the radiated EM noise from the converter and can
cause, under certain circumstances, the inductor to emit
high−frequency audible noise.
SHM is an easily remedied problem. The rising slope of
the inductor current is supplemented with internal “slope
compensation” to prevent any duty cycle instability from
carrying through to the next switching cycle. In the CS517x
family, slope compensation is added during the entire switch
on−time, typically in the amount of 180 mA/
ms.
In some cases, SHM can rear its ugly head despite the
presence of the onboard slope compensation. The simple
cure to this problem is more slope compensation to avoid the
unwanted oscillation. In that case, an external circuit, shown
in Figure 39, can be added to increase the amount of slope
compensation used. This circuit requires only a few
components and is “tacked on” to the compensation
network.
Figure 39. Technique for Increasing Slope
Compensation
VC
R1
C2
C1
R2
R3
VSW
C3
VSW
The dashed box contains the normal compensation
circuitry to limit the bandwidth of the error amplifier.
Resistors R2 and R3 form a voltage divider off of the VSW
pin. In normal operation, VSW looks similar to a square
wave, and is dependent on the converter topology. Formulas
for calculating VSW in the boost and flyback topologies are
given in the section “VSW Voltage Limit.” The voltage on
VSW charges capacitor C3 when the switch is off, causing
the voltage at the VC pin to shift upwards. When the switch
turns on, C3 discharges through R3, producing a negative
slope at the VC pin. This negative slope provides the slope
compensation.
The amount of slope compensation added by this circuit
is
DI
DT +
VSW
R3
R2)R3
1
* e
*(1*D)
R3C3fSW
fSW
(1
* D)REAV
where:
DI/DT = the amount of slope compensation added (A/s);
VSW = the voltage at the switch node when the transistor
is turned off (V);
fSW = the switching frequency, typically 280 kHz
(CS5171/3) or 560 kHz (CS5172/4) (Hz);
D = the duty cycle;
RE = 0.063
W, the value of the internal emitter resistor;
AV = 5 V/V, the gain of the current sense amplifier.
In selecting appropriate values for the slope compensation
network, the designer is advised to choose a convenient
capacitor, then select values for R2 and R3 such that the
amount of slope compensation added is 100 mA/
ms. Then
R2 may be increased or decreased as necessary. Of course,
the series combination of R2 and R3 should be large enough
to avoid drawing excessive current from VSW. Additionally,
to ensure that the control loop stability is improved, the time
constant formed by the additional components should be
chosen such that
R3C3 t
1
* D
fSW
Finally, it is worth mentioning that the added slope
compensation is a tradeoff between duty cycle stability and
transient response. The more slope compensation a designer
adds, the slower the transient response will be, due to the
external circuitry interfering with the proper operation of the
error amplifier.
Soft−Start
Through the addition of an external circuit, a Soft−Start
function can be added to the CS5171/2/3/4 family of
components. Soft−Start circuitry prevents the VC pin from
slamming high during startup, thereby inhibiting the
inductor current from rising at a high slope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com