Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62200421 Datasheet(PDF) 1 Page - Lapp.

Part # 62200421
Description  Cable Trolley C-Rail (C30 / C40)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

62200421 Datasheet(HTML) 1 Page - Lapp.

  62200421 Datasheet HTML 1Page - Lapp. 62200421 Datasheet HTML 2Page - Lapp. 62200421 Datasheet HTML 3Page - Lapp. 62200421 Datasheet HTML 4Page - Lapp. 62200421 Datasheet HTML 5Page - Lapp. 62200421 Datasheet HTML 6Page - Lapp. 62200421 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6220 0421
DATA SHEET
Valid from:
17.05.2018
Cable Trolley C-Rail (C30 / C40)
Document: DB62200421EN
Version: 00
Page 1 of 7
The Cable Trolley System is designed for C-Rail (C30 and C40) and is available as flat- and round cable system
The fastening components are suitable for both systems.
Material:
Metal Parts
Steel, galvanized
Clamps
Polyamide 6
Technical features
Temperature range
-40°C up to +120°C
Max. Load
C30: 20kg / Cable Trolley
C40: 32kg / Cable Trolley
Additional product data:
ETIM 5.0 Class-ID: EC002935
ETIM 5.0 Class-Description: Accessories for Cable Trolley Systems
Notes:
The bending radius corresponds to a permanent installation.
Cable Trolleys with the addition „b“ are suitable for cables with higher bending radius.
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
11
1. Girder clips
2. Support arm
3. End clamp
4. Support bracket
5. C-rail
6. Track coupler
7. Cable trolley
8. Towing arm
9. Towing trolley
10. End stop
11. Cable clamp round


Similar Part No. - 62200421

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
62200421121 WURTH-62200421121 Datasheet
387Kb / 6P
WR-PHD THT Straight Dual Pin Header
002.003
62200421821 WURTH-62200421821 Datasheet
247Kb / 5P
WR-PHD THT Straight Dual Socket Header
002.001
More results

Similar Description - 62200421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301790405 MOLEX11-1301790405 Datasheet
43Kb / 1P
Trolley for 4 I-Beam, Polyurethane
logo
PHOENIX CONTACT
5053489 PHOENIX-5053489 Datasheet
34Kb / 1P
TOOL TROLLEY
5053492 PHOENIX-5053492 Datasheet
44Kb / 1P
TOOL TROLLEY HOOK
11/05/2018
5053502 PHOENIX-5053502 Datasheet
44Kb / 1P
TOOL TROLLEY DIVIDER 50
11/05/2018
5053515 PHOENIX-5053515 Datasheet
44Kb / 1P
TOOL TROLLEY DIVIDER 100
11/05/2018
5053531 PHOENIX-5053531 Datasheet
44Kb / 1P
TOOL TROLLEY ADAPTER SHEET
09/12/2020
logo
Amphenol RF.
901-1073 RF-901-1073 Datasheet
246Kb / 1P
SMA PLUG C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev A
901-10735 RF-901-10735 Datasheet
314Kb / 1P
SMA JACK C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev. A
901-10737 RF-901-10737 Datasheet
266Kb / 1P
SMA R/A PLUG C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev. A
901-1076 RF-901-1076 Datasheet
314Kb / 1P
SMA BULKHEAD JACK C30 CABLE GROUP RTK-031, TFC 3.3mm
Rev. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com