Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62200421 Datasheet(PDF) 7 Page - Lapp.

Part # 62200421
Description  Cable Trolley C-Rail (C30 / C40)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

62200421 Datasheet(HTML) 7 Page - Lapp.

  62200421 Datasheet HTML 1Page - Lapp. 62200421 Datasheet HTML 2Page - Lapp. 62200421 Datasheet HTML 3Page - Lapp. 62200421 Datasheet HTML 4Page - Lapp. 62200421 Datasheet HTML 5Page - Lapp. 62200421 Datasheet HTML 6Page - Lapp. 62200421 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6220 0421
DATA SHEET
Valid from:
17.05.2018
Cable Trolley C-Rail (C30 / C40)
Document: DB62200421EN
Version: 00
Page 7 of 7
Description
Part No.
Measures
mm
Weight
kg
Image
Drawing
Support bracket with
square nuts
C40
Part No. 62200456
0,45
Support bracket for
wall mounting
C30
Part No. 62200429
0,20
Support bracket for
wall mounting
C40
Part No. 62200461
0,32
Support arm
800mm C30
Part No. 62200432
L = 800
1,25
Support arm
800mm C40
Part No. 62200467
L = 800
2,0
Girder clips 2 for each
support arm
Part No. 62200433
0,15
Wall mounting arm
Part No. 62200460
L = 600
Drill hole Diameter =
8mm
Max. Load = 80kg
2,12
Towing arm 400mm
Part No. 62200430
L = 400
0,6
Towing arm 630mm
Part No. 62200431
L = 630
0,8
Footnote:
The images are no scaled and detailed images from the products.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com