Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8129 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8129
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8129 Datasheet HTML 1Page - ON Semiconductor CS8129 Datasheet HTML 2Page - ON Semiconductor CS8129 Datasheet HTML 3Page - ON Semiconductor CS8129 Datasheet HTML 4Page - ON Semiconductor CS8129 Datasheet HTML 5Page - ON Semiconductor CS8129 Datasheet HTML 6Page - ON Semiconductor CS8129 Datasheet HTML 7Page - ON Semiconductor CS8129 Datasheet HTML 8Page - ON Semiconductor CS8129 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CS8129
http://onsemi.com
5
Output Current (mA)
0
100
200
500
600
800
60
40
30
20
10
0
50
Output Current (mA)
0
100
200
300
400
500
600
400
300
200
100
0
500
700
600
700
Frequency (Hz)
100
101
102
103
104
105
70
50
40
30
20
0
60
106
107
108
10
IOUT = 250 mA
80
90
Figure 8. Dropout Voltage vs. Output Current
Figure 9. Quiescent Current vs. Output Current
Figure 10. Ripple Rejection
Figure 11. Output Capacitor ESR
800
900
800
−40
°C
125
°C
25
°C
70
80
90
100
300
400
700
VIN = 14 V
−40
°C
125
°C
25
°C
COUT = 10 mF, ESR = 1.0
& 0.1
mF, ESR = 0
COUT = 10 mF, ESR = 1.0 W
COUT = 10 mF, ESR = 1.0 W
Output Current (mA)
100
101
102
103
103
101
100
10−1
10−2
10−4
102
10−3
CO = 47/68 mF
Stable Region
CO = 68 mF
CO = 47 mF
Figure 12. RESET Circuit Waveform
VRH
(1)
(2)
(2)
(3)
VRL
VDH
VDC(HI)
VDC(LO)
DELAY
tDELAY
VDIS
RESET
VRT(OFF)
VRT(ON)
VOUT
(1) = No Delay Capacitor
(2) = With Delay Capacitor
(3) = Max: RESET Voltage (1.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com