Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8129 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8129
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8129 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8129 Datasheet HTML 1Page - ON Semiconductor CS8129 Datasheet HTML 2Page - ON Semiconductor CS8129 Datasheet HTML 3Page - ON Semiconductor CS8129 Datasheet HTML 4Page - ON Semiconductor CS8129 Datasheet HTML 5Page - ON Semiconductor CS8129 Datasheet HTML 6Page - ON Semiconductor CS8129 Datasheet HTML 7Page - ON Semiconductor CS8129 Datasheet HTML 8Page - ON Semiconductor CS8129 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 8
1
Publication Order Number:
CS8129/D
CS8129
5.0 V, 750 mA Low Dropout
Linear Regulator with
Lower RESET Threshold
The CS8129 is a precision 5.0 V linear regulator capable of sourcing
750 mA. The RESET threshold voltage has been lowered to 4.2 V so
that the regulator can be used with 4.0 V microprocessors. The lower
RESET threshold also permits operation under low battery conditions
(5.5 V plus a diode). The RESET’s delay time is externally
programmed using a discrete RC network. During powerup, or when
the output goes out of regulation, RESET remains in the low state for
the duration of the delay. This function is independent of the input
voltage and will function correctly as long as the output voltage
remains at or above 1.0 V. Hysteresis is included in the Delay and the
RESET comparators to improve noise immunity. A latching discharge
circuit is used to discharge the delay capacitor when it is triggered by a
brief fault condition.
The regulator is protected against a variety of fault conditions: i.e.
reverse battery, overvoltage, short circuit and thermal runaway
conditions. The regulator is protected against voltage transients ranging
from −50 V to +40 V. Short circuit current is limited to 1.2 A (typ).
The CS8129 is packaged in a 5 lead TO−220 and a 16 lead surface
mount package.
Features
• 5.0 V ±3.0% Regulated Output
• Low Dropout Voltage (0.6 V @ 0.5 A)
• 750 mA Output Current Capability
• Reduced RESET Threshold for Use with 4.0 V Microprocessors
• Externally Programmed RESET Delay
• Fault Protection
− Reverse Battery
− 60 V, −50 V Peak Transient Voltage
− Short Circuit
− Thermal Shutdown
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
1
5
TO−220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO−220
FIVE LEAD
THA SUFFIX
CASE 314A
1
5
1
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
SO−16WB
DW SUFFIX
CASE 751G
1
16
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS8129

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS8129YDW16 CHERRY-CS8129YDW16 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
CS8129YDWR16 CHERRY-CS8129YDWR16 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
CS8129YT5 CHERRY-CS8129YT5 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
More results

Similar Description - CS8129

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
logo
ON Semiconductor
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com