Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8221YDF8 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS8221YDF8
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8221YDF8 Datasheet(HTML) 7 Page - ON Semiconductor

  CS8221YDF8 Datasheet HTML 1Page - ON Semiconductor CS8221YDF8 Datasheet HTML 2Page - ON Semiconductor CS8221YDF8 Datasheet HTML 3Page - ON Semiconductor CS8221YDF8 Datasheet HTML 4Page - ON Semiconductor CS8221YDF8 Datasheet HTML 5Page - ON Semiconductor CS8221YDF8 Datasheet HTML 6Page - ON Semiconductor CS8221YDF8 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CS8221
http://onsemi.com
7
PACKAGE DIMENSIONS
D2PAK−3
DP SUFFIX
CASE 418AB−01
ISSUE O
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. PACKAGE OUTLINE EXCLUSIVE OF MOLD
FLASH AND METAL BURRS.
4. PACKAGE OUTLINE INCLUSIVE OF
PLATING THICKNESS.
5. FOOT LENGTH MEASURED AT INTERCEPT
POINT BETWEEN DATUM A AND LEAD
SURFACE.
A
B
S
K
E
M
P
N
D
G
H
W
R
−A−
U
V
TERMINAL 4
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.396
0.406
10.05
10.31
B
0.330
0.340
8.38
8.64
C
0.170
0.180
4.31
4.57
D
0.026
0.036
0.66
0.91
E
0.045
0.055
1.14
1.40
G
0.100 REF
2.54 REF
H
0.580
0.620
14.73
15.75
K
0.055
0.066
1.40
1.68
L
0.000
0.010
0.00
0.25
M
0.098
0.108
2.49
2.74
N
0.017
0.023
0.43
0.58
P
0.090
0.110
2.29
2.79
R
0
8
S
0.095
0.105
2.41
2.67
U
0.30 REF
7.62 REF
V
0.305 REF
7.75 REF
W
0.010
0.25
°°
0
8
°°
L
PACKAGE THERMAL DATA
Parameter
SO−8
D2PAK−3
Unit
RΘJC
Typical
25
4.2
°C/W
RΘJA
Typical
110
10−50*
°C/W
* Depending on thermal properties of substrate. RθJA = RθJC = RθCA
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
CS8221/D
SMART REGULATOR is a registered trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com