Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8221YDF8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8221YDF8
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8221YDF8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8221YDF8 Datasheet HTML 1Page - ON Semiconductor CS8221YDF8 Datasheet HTML 2Page - ON Semiconductor CS8221YDF8 Datasheet HTML 3Page - ON Semiconductor CS8221YDF8 Datasheet HTML 4Page - ON Semiconductor CS8221YDF8 Datasheet HTML 5Page - ON Semiconductor CS8221YDF8 Datasheet HTML 6Page - ON Semiconductor CS8221YDF8 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
CS8221/D
CS8221
Micropower 5.0 V, 100 mA
Low Dropout Linear
Regulator
The CS8221 is a precision 5.0 V, 100 mA micropower voltage
regulator with very low quiescent current (60
mA typical at 100 mA
load). The 5.0 V output is accurate within
±2.0% and supplies 100 mA
of load current with a maximum dropout voltage of only 600 mV.
The regulator is protected against reverse battery, short circuit,
overvoltage, and over temperature conditions. The device can withstand
74 V peak transients making it suitable for use in automotive
environments. The CS8221 is pin for pin compatible with the LM2931.
Features
• Low Quiescent Current (60 mA @ 100 mA Load)
• 5.0 V ±2.0% Output
• 100 mA Output Current Capability
• Internally Fused Leads in SO−8 Package
• Fault Protection
− +74 V Peak Transient Voltage
− −15 V Reverse Voltage
− Short Circuit
− Thermal Shutdown
• Pb−Free Package is Available
PIN CONNECTIONS AND
MARKING INDIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION*
CS8221YDF8
SO−8
95 Units/Rail
CS8221YDFR8
D2PAK−3
2500/Tape & Reel
CS8221YDP3
50 Units/Rail
CS8221 = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
SO−8
DF SUFFIX
CASE 751
1
8
NC
NC
1
8
GND
GND
GND
GND
VIN
VOUT
CS
8221
AWLYWWG
1
Tab = GND
Pin 1. VIN
2. GND
3. VOUT
D2PAK−3
SO−8
CS8221YDPR3
SO−8
D2PAK−3
750/Tape & Reel
*Contact your local sales representative for TO−92
package option.
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
D2PAK−3
DP SUFFIX
CASE 418AB
1
2
3
CS8221YDFR8G
2500/Tape & Reel
SO−8
(Pb−Free)


Similar Part No. - CS8221YDF8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8221YDF8 CHERRY-CS8221YDF8 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
More results

Similar Description - CS8221YDF8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com