Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8221YDP3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8221YDP3
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8221YDP3 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8221YDP3 Datasheet HTML 1Page - ON Semiconductor CS8221YDP3 Datasheet HTML 2Page - ON Semiconductor CS8221YDP3 Datasheet HTML 3Page - ON Semiconductor CS8221YDP3 Datasheet HTML 4Page - ON Semiconductor CS8221YDP3 Datasheet HTML 5Page - ON Semiconductor CS8221YDP3 Datasheet HTML 6Page - ON Semiconductor CS8221YDP3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CS8221
http://onsemi.com
2
Figure 1. Block Diagram
Bandgap
Reference
−
+
Sense
Current Limit
GND
VOUT
Error
Amplifier
VIN
Current Source
(Circuit Bias)
Over Voltage
Shutdown
Thermal
Protection
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Junction Temperature Range, TJ
−40 to +150
°C
Storage Temperature Range, TSTORAGE
−55 to +150
°C
Power Dissipation
Internally Limited
−
Peak Transient Voltage (60 V Load Dump @ VIN = 14 V)
−15, 74
V
Input Operating Range
−0.5 to 26
V
Output Current
Internally Limited
−
Electrostatic Discharge (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Reflow (Note 1)
230 peak
°C
1. 60 seconds maximum above 183
°.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com