Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8221YDP3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8221YDP3
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8221YDP3 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8221YDP3 Datasheet HTML 1Page - ON Semiconductor CS8221YDP3 Datasheet HTML 2Page - ON Semiconductor CS8221YDP3 Datasheet HTML 3Page - ON Semiconductor CS8221YDP3 Datasheet HTML 4Page - ON Semiconductor CS8221YDP3 Datasheet HTML 5Page - ON Semiconductor CS8221YDP3 Datasheet HTML 6Page - ON Semiconductor CS8221YDP3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CS8221
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (6.0
≤ VIN ≤ 26 V, IOUT = 1.0 mA, −40°C ≤ TJ ≤ 125°C unless otherwise noted.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage, VOUT
9.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 100 mA
6.0 V
≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 100 mA
4.9
4.85
5.0
5.0
5.1
5.15
V
V
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 100 mA
−
−
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 100 mA ≤ IOUT ≤ 100 mA,
−
5.0
50
mV
Line Regulation
6.0 V < V < 26 V, IOUT = 1.0 mA
−
5.0
50
mV
Quiescent Current, (IQ)
IOUT = 100 mA, VIN = 6.0 V
IOUT = 50 mA
IOUT = 100 mA
−
−
−
60
4.0
12
120
6.0
20
mA
mA
mA
Ripple Rejection
7.0
≤ VIN ≤ 17 V, IOUT = 100 mA, f = 120 Hz
60
75
−
dB
Current Limit
−
125
200
−
mA
Short Circuit Output Current
VOUT = 0 V
40
125
−
mA
Thermal Shutdown (Note 2)
−
150
180
−
°C
Overvoltage Shutdown
VOUT ≤ 1.0 V
30
34
38
V
2. This parameter is guaranteed by design, but not parametrically tested in production.
PACKAGE LEAD DESCRIPTION
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
SO−8
D2PAK−3
1
3
VOUT
5.0 V,
±2.0%, 100 mA Output.
2, 3, 6, 7
2
GND
Ground.
4
−
NC
No Connection.
5
−
NC
No Connection.
8
1
VIN
Input Voltage.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. CS8221 Output Stability
1000
100
10
1
0.1
0.01
0
10
20
30
40
50
100
IOUT OUTPUT CURRENT
CVOUT = 1 mF / 10 mF
60
70
80
90
Unstable Region
Stable Region
Unstable
Region
CVOUT = 1 mF
CVOUT = 10 mF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com